PART |
Description |
Maker |
MAX1036 MAX1036EKA- MAX1036-MAX1039 MAX1037 MAX103 |
2.7-5.5V; low power, 4-/12-channel 2-wire serial 8-bit ADC. For hand-held portable applications, medical instrumnets, battery-powered test equipment, solar-powered remote systems, received-signal-strength indicators, system supervision " 2.7V to 5.5V, Low-Power, 4-/12-Channel 2-Wire Serial 8-Bit ADCs" -2.7V to 5.5V, Low-Power, 4-/12-Channel 2-Wire Serial 8-Bit ADCs 2.7V to 5.5V / Low-Power / 4-/12-Channel 2-Wire Serial 8-Bit ADCs
|
MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
M74HC4078 M54HC4078 1971 M74HC4078B1R M74HC4078M1R |
12-Bit DAC Parallel Voltage Out Pgrmable Int Ref Settling Time, Pwr Consumption, 8-bit uC Comp Int 20-SOIC 0 to 70 8 INPUT NOR/OR GATE From old datasheet system
|
意法半导 STMICROELECTRONICS[STMicroelectronics]
|
MAX5812 MAX5812LEUT MAX5812MEUT MAX5812NEUT MAX581 |
From old datasheet system Digital to Analog Converter - Datasheet Reference "12-Bit Low-Power, 2-Wire, Serial Voltage- Output DAC" 12-Bit Low-Power, 2-Wire, Serial Voltage-Output DAC 12-bit, low-power, 2-wire interface, serial, voltage-output DAC
|
MAXIM - Dallas Semiconductor Maxim Integrated Products Inc MAXIM[Maxim Integrated Products]
|
5962F9584501VYC 5962H9584501VYC 5962R9584501VYC 59 |
2-Wire, Serial, 8-Bit DACs with Rail-to-Rail Outputs 5-Pin, Multiple-Input, Programmable Reset ICs Low-Cost, Low-Power, 8-Bit DACs with 2-Wire Serial Interface in SOT23 Low-Cost, Voltage-Output, 16-Bit DACs in µMAX 5V, Low-Power, Voltage-Output, Serial 12-Bit DACs Low-Cost, Voltage-Output, 16-Bit DACs with Internal Reference in µMAX Low-Cost, Low-Power, 8-Bit DACs with 3-Wire Serial Interface in SOT23 Low-Cost, Voltage-Output, 16-Bit DACs with Internal Reference in µMAX x8的SRAM x8 SRAM x8的SRAM
|
Analog Devices, Inc. California Micro Devices Corporation
|
M74HC4094TTR M74HC4094 M74HC4094B1R M74HC4094M1R M |
8 BIT SIPO SHIFT LATCH REGISTER (3-STATE) 8 BIT SIPO SHIFT LATCH REGISTER (3-STATE) 12-Bit DAC Parallel Voltage Out Pgrmable Int Ref Settling Time, Pwr Consumption, 8-bit uC Comp Int 20-SOIC -40 to 85
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
AD5263BRU50-REEL7 AD5263 AD5263BRU20 AD5263BRU200 |
10 Bit, 65MSPS ADC, 1.8V, Int/Ext Ref, w/Power-Down 48-TQFP -40 to 85 Preliminary Technical Data
|
Analog Devices, Inc. AD[Analog Devices]
|
MAX1238EEE/V |
2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
|
Maxim Integrated Produc...
|
MAX1136 MAX1136EUA MAX1138EEE MAX1137 MAX1139EEE M |
2.7V to 3.6V and 4.5V to 5.5V / Low-Power / 4-/12-Channel / 2-Wire Serial 10-Bit ADCs 2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial 10-Bit ADCs 2.7V to 3.6V and 4.5V to 5.5V Low-Power 4-/12-Channel 2-Wire Serial 10-Bit ADCs
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
MAX1136EUA |
2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial 10-Bit ADCs 4-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO8
|
Maxim Integrated Products, Inc.
|
MAX5842 MAX5842LEUB MAX5842MEUB |
Quad, 12-Bit, Low-Power, 2-Wire, Serial Voltage-Output DAC Quad / 12-Bit / Low-Power / 2-Wire / Serial Voltage-Output DAC
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
MAX5841 MAX5841LEUB MAX5841MEUB |
Quad / 10-Bit / Low-Power / 2-Wire / Serial Voltage-Output DAC Quad, 10-Bit, Low-Power, 2-Wire, Serial Voltage-Output DAC
|
MAXIM INTEGRATED PRODUCTS INC MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|